Part Number Hot Search : 
NTE1V175 215025 PT6553 TF2110 SDR607 215025 20P3600 PSPW150
Product Description
Full Text Search
 

To Download RSF84Y100R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TM
compact external mount with 1/2" taper thread
RSF80
The RSF80 series is designed for external mounting, achieved with a 1/2" NPT taper thread. This avoids the need for access to the inside of the chamber and is ideally suited to applications where space or fitting time are prime considerations. They are manufactured in a variety of materials to suit most commonly used liquids. The switch action may be reversed by rotating the device through 180. Typical applications are Diesel level for Generators, Hydraulic Oil and Gearbox Oil Level.
External mount Quick to install Available in Nylon, Polypropylene or PPS Ideal for tanks with inaccessible tops or bottoms WRAS approval Many variants are UL recognised components File Number E171218
Technical Specification Material Colour Temp. Range C F Min. Fluid S.G. Must Close Level (S.G.=1) Must Open Level (S.G.=1) Electrical Specification Contact Form Switching Power Max. VA Switching Voltage AC Max. Switching Voltage DC Max. Switching Current Max. A
All ratings are for resistive load only.
RSF83 Nylon Black -20 /+75 -4 / +167 0.85 7mm 20mm
RSF84 Polypropylene Opaque -20 / +100 -4 / +212 0.85 8mm 20mm
RSF86 Polyphenylene Sulphide (PPS) Grey -10 / +120* +14 / +248* 0.85 9mm 24mm
*Maximum temperature requires ETFE cable to be specified.
N/O (N/C) 25 240 120 0.6
Standard Parts RSF83Y100R RSF84Y100R RSF86Y100R USA Cynergy3 Components 2320 Paseo de las Americas, Suite 104 San Diego, CA 92154 Sales & Tech Support (866) 258-5057 Email: sales@cynergy3.com EUROPE - UK Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE Telephone +44 (0) 1202 897969 Fax +44 (0) 1202 891918 Email:sales@cynergy3.com
Material Nylon Polypropylene PPS
Leadouts 1.0m PVC 16/0.2 UL approved 1.0m PVC 16/0.2 UL approved 1.0m PVC 16/0.2 UL approved
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
Mechanical Dimensions All dimensions are in millimeters (inches)
90mm*** (3.5") 18mm 60mm*** (2.4") (0.7") 48mm*** (2.0") Switch closed
18mm (0.71") max. Must close level Must open level 40 max.
42mm** (1.7") max.Switch open
** 49mm RSF86 *** Add 10mm to dims, RSF86
1/2" NPT Taper Thread (Will fit 1/2" BSP)
ISO9001C E R T I F I E D
Competitive part number cross-reference available at:
www.cynergy3.com
(c) 2007 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Corp.


▲Up To Search▲   

 
Price & Availability of RSF84Y100R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X